PART |
Description |
Maker |
KBPC606 KBPC601 KBPC604 KBPC6005 KBPC608 KBPC610 K |
Automotive Catalog Single Inverter Gate 5-SOT-23 -40 to 125 6 AMP SILICON BRIDGE RECTIFIER
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
UPD44324364F5-E50-EQ2 UPD44324084 UPD44324084F5-E3 |
36M-BIT DDRII SRAM 4-WORD BURST OPERAT
|
NEC[NEC]
|
242PC30M |
Interactive Catalog Replaces Catalog Pages
|
Honeywell Solid State Electronics Center
|
26PCCFA6G 26PCFFS2G 26PCCFH6G 26PCCFA2G 26PCFFA6G |
Interactive Catalog Replaces Catalog Pages
|
Honeywell Solid State Electronics Center Honeywell Accelerometers Honeywell Solid State E... Honeywell Accelerometer...
|
CSDA1BA CSDA1BC CSDA1AA CSDA1AC |
Interactive Catalog Replaces Catalog Pages
|
Honeywell Accelerometers
|
1TL1-1 1TL1-2 1TL1-21 1TL1-3 1TL1-31 1TL1-5 1TL1-6 |
Interactive Catalog Replaces Catalog Pages
|
Honeywell Solid State Electronics Center Honeywell Solid State E...
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
SINGLE PHASE GLASS BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-TSSOP -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
http:// CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司
|
AT27C4096 AT27C4096-12 AT27C4096-12JC AT27C4096-12 |
Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 256K X 16 OTPROM, 70 ns, PQCC44 8-Channel Analog Multiplexer/Demultiplexer 16-TSSOP -40 to 85 256K X 16 OTPROM, 120 ns, PDSO40 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85 256K X 16 OTPROM, 70 ns, PDIP40 4-Megabit 256K x 16 OTP EPROM 256K X 16 OTPROM, 55 ns, PQCC44 4-Megabit 256K x 16 OTP EPROM 256K X 16 OTPROM, 55 ns, PDIP40 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-TVSOP -40 to 85 256K X 16 OTPROM, 90 ns, PDIP40 TV 26C 26#20 SKT WALL RECP Automotive Catalog 8-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 105 8-Channel Analog Multiplexer/Demultiplexer 16-VQFN -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
NX8570SC803-BA NX8570SC997-BA NX8570 NX8570SC303-B |
DIODE ZENER SINGLE 500mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-123 3K/REEL Single Output LDO, 100mA, Fixed(1.8V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 100mA, Fixed(1.2V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Dual-Output Low-Dropout (LDO) Voltage Regulators 28-HTSSOP 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CONVERTER DC-DC 10W 12V/15V SGL 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CURRENT LIMITER INRSH 10 OHM 20% 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/SLP Series, 38799 Group, 4-ch 14-bit PWM, 2-ch 16-bit TPU, 16-bit AEC, RTC FP-100U; Vcc= 1.8 to 3.6 volts, Temp= -20 to 75 C; Package: PLQP0100KB-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/Tiny Series, 36024 Group, WDTO TNP-48; Vcc= 3.0 to 5.5 volts, Temp= -20 to 75 C; Package: PVQN0048KA-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTCE 4C 4#20 PIN PLUG TVS BI-DIR 27V 1500W DO-201 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 100mA, Fixed(2.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 MICRO HDW M2 RoHS Compliant: No Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CABLE 18/4 STR BC CMR GRY PTSE 15C 1#16,14#20 PIN PLUG RoHS Compliant: No Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTSE 18C 18#20 PIN RECP Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Automotive Catalog Fast Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 Automotive Catalog Dual-Output Low-Dropout Voltage Regulators 28-HTSSOP -40 to 125 CONVERTER DC-DC 10W 24V/12V SGL CONVERTER DC-DC 10W 12V/5V SGL Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CONNECTOR ACCESSORY Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. 线性稳 http:// CEL[California Eastern Labs]
|
NJU6359 NJU6359C NJU6359V |
Automotive Catalog Quad Rail-To-Rail Output CMOS Operational Amplifier with Shutdown 14-TSSOP -40 to 85 Serial I/O and External ClockReal Time Clock With Wake-Up Output for(串行输入/输出和外部实时时钟(带唤醒输出)) SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
STL7DN6LF3 |
Automotive-grade dual N-channel 60 V
|
STMicroelectronics
|
CF2-12 |
NEW DUAL POWER AUTOMOTIVE RELAY
|
Nais(Matsushita Electri... NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
|